|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0513460800 Active 3.30mm (.130") Pitch Wire-to-Wire Plug Housing, Positive Lock, Dual Row, 8 Circuits Documents: Drawing (PDF) Product Specification PS-51347-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Product Name Crimp Housings 51346 N/A image - Reference only Series Physical Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 8 Natural Male No Yes Nylon 2 Bag No 0.130 In 3.30 mm Yes No -25C to +85C EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Electrical Current - Maximum per Contact 4A Search Parts in this Series 51346Series SPK-51346-001 PS-51347-001, RPS-51347-004, RPS-51347-005, RPS-51347-006, RPS-51347-007 SD-51346-001 Mates With 51347-0800 Use With 51348 , 56265 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0513460800 |